Part Number Hot Search : 
UFT14130 LRC63201 LSU426 CY14B DS4311D TA2062 MAX28 PN222
Product Description
Full Text Search
 

To Download CEP125-2R2MB-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CEP125
By using the square wire, power inductors can be used for large currents with low profile and low resistance.
CEP125
12.9MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
4.0 10.0
3.0
5.6MAX. 12.9M AX. 2.6
4.0 4.2
2 3 1
7.0
2.5
4.2 4.0 13.5
2.6
BOTTOM VIEW /
( 0.35H - 10H )
CEP125 (Standard Type)
Parts No. 0R3 0R4 0R6 0R8 1R0 1R4 1R5 1R8 2R2 2R5 2R8 3R2 4R0 4R3 5R6 6R0 7R2 8R2 100 L (H) 0.35 0.47 0.68 0.8 1.0 1.4 1.5 1.8 2.2 2.5 2.8 3.2 4.0 4.3 5.6 6.0 7.2 8.2 10 D.C.R.() : Max.(Typ.) Saturation Rated Current (A) *E 20c 100c Temperature RiseCurrent (Typ.)(A)*IV
CEP125 (High Power Type)
D.C.R.() : Max.(Typ.) 1.5m( 1.2m) Saturation Rated Current (A) *E 20c 100c 28.8 25.6 Temperature RiseCurrent (Typ.)(A)*IV 19.5
CEP125 (Ultra Power Type)
Saturation Rated Current (A) *E 20c 100c 1.5m( 1.2m) 35.0 32.0 D.C.R.() : Max.(Typ.) Temperature Rise Current (Typ.)(A)*IV 19.5
1.5m( 1.2m)
20.4
17.6
19.5
2.2m( 1.8m) 2.2m( 1.8m) 14.0 11.8 18.0
20.0
17.4
18.0
2.2m( 1.8m) 3.4m( 2.8m)
25.7 19.2
21.8 16.4
18.0 15.5
3.4m( 2.8m)
15.3
12.9
15.5
3.4m( 2.8m)
10.0
8.8
15.5
5.4m( 4.5m)
14.8
12.8
12.5
5.4m( 4.5m) 8.0m( 6.6m) 11.4m( 9.5m) 13.5m(11.2m)
12.3 10.3 8.8 7.8
10.2 8.6 7.7 6.6
12.5 9.9 8.2 7.6
5.4m( 4.5m)
8.3
7.2
12.5
8.0m( 6.6m) 11.4m( 9.5m) 13.5m(11.2m)
12.8 11.0 9.5
10.9 9.1 7.8
9.9 8.2 7.6
8.0m( 6.6m) 11.4m( 9.5m) 13.5m(11.2m)
6.7 5.8 5.0
5.8 5.1 4.6
9.9 8.2 7.6
Measuring Freq. (L) / L CEP125(S) CEP125(H) CEP125(U) 100kHz 100kHz 100kHz
Ordering Code / CEP125 : Parts No. : Tolerance of inductance M (20%) N (30%) : Packing C (Carrier tape) B (Box)
:
D H H (0.68 H, 1.5 H) (High power type 1.8 H - 7.2 H) (Ultra power type 1.4 H - 5.6 H)
Tolerance of Inductance / CEP125(S) CEP125(H) CEP125(U) Other / *E Saturation Rated Current : The current either the inductance value becomes 35% (tolerance 30%) lower than its nominal value or becomes 25% (tolerance 20%) lower than its nominal value.(Ta=20 C) *E : 65%(30%75%20% (Ta=20) *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes C) T=40 C. (Ta=20 *IV :T=40 (Ta=20) 0.68 H 30% (N), 1.5H - 10 H 20% (M) 0.47H 30% (N), 1.0 H - 7.2 H 20% (M) 0.35H - 0.8 H 30% (N), 1.4 H - 5.6 H 20% (M)
HD (0.47 H, 1.0 H) UD (0.35 H, 0.8 H) About Lead-free products /
. Lead-free products are now available for sale . To order a lead-free product, please add"NP" after the product type: . . "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CEP125-2R2MB-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X